PART |
Description |
Maker |
PIC18F1330 |
High-Performance Microcontrollers with 10-bit A/D and nanoWatt Technology 8-bit PIC庐 Microcontrollers
|
Microchip Technology Microchip Technology, Inc.
|
AT91SAM7S256 AT91SAM7S256-AI |
Atmels AT91SAM7S256 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... AT91 ARM THUMB-BASED MICROCONTROLLERS
|
ATMEL Corporation
|
P87C770 P83C370 P83C770 P83C270 P83C366BDA P83C766 |
Microcontrollers for PAL/SECAM TV with OSD and VST(OSDVST的在PAL/SECAM TV中应用的微控制器) Microcontrollers for NTSC TVs with On-Screen Display (OSD) and Closed Caption (CC)(在NTSC TV中应用的具有屏幕显示和字幕关闭特点的微控制器) 微控制器用于NTSC电视的屏幕显示(OSD)和字幕CC)的(在NTSC电视中应用的具有屏幕显示和字幕关闭特点的微控制器
|
Philips Semiconductors NXP Semiconductors N.V.
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
S9S12XS256J0CAL MC9S12XS64 |
Microcontrollers HCS12 Microcontrollers
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
AT91SAM7S128 AT91SAM7S32 AT91SAM7S321-AU-001 AT91S |
AT91 ARM庐 Thumb庐-based Microcontrollers AT91 ARM? Thumb?-based Microcontrollers
|
ATMEL Corporation
|
Z86E04 Z86E09 Z86E08 Z86E0812SSC1924 Z86E02 Z86E04 |
(Z86E04/E08/E09) CMOS Z8 OTP Microcontrollers Z8 CMOS OTP Microcontrollers
|
ZILOG[Zilog, Inc.]
|
PIC16LF818-IP PIC16F818-ISO PIC16F819-E PIC16F819- |
Enhanced Flash Microcontrollers 18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
|
Microchip Technology
|
MB95108AM MB95108AMPFM MB95108AMPFV MB95F104AJS MB |
8-bit Proprietary Microcontrollers(8浣?井?у??? 8-bit Proprietary Microcontrollers 8-BIT, FLASH, 16.25 MHz, MICROCONTROLLER, PQFP64
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu, Ltd.
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
M68HC11CPU MC68B50 MC6802 |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS Single?Chip
Microcontrollers Single-Chip Microcontrollers (AMCU)
|
MOTOROLA[Motorola, Inc]
|
MCP1623T-I_CHY MCP1624-I_CHY MCP162310 MCP1624T-I_ |
Low-Voltage Input Boost Regulator for PIC? Microcontrollers Low-Voltage Input Boost Regulator for PIC庐 Microcontrollers Low-Voltage Input Boost Regulator for PIC垄莽 Microcontrollers
|
Microchip Technology Inc.
|